PART |
Description |
Maker |
C167CR-16RM C167CR-LM C167CR00 C167SR-LM C167CR-4R |
16-Bi t Single-Chip Microcont roller
|
Infineon Technologies AG
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
LC66406A LC66665308A |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
|
Sanyo Semicon Device http://
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
4551GROUP E4551 M34551M8 M34551 M34551E8 M34551M4 |
4-BIT SINGLE-CHIP MICROCOMPUTER From old datasheet system SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER FOR INFRARED REMOTE CONTROL TRANSMITTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
3819GROUP E3819G M38198EC-XXXFP M38198MC-XXXKP M38 |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer From old datasheet system Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|